Part Number Hot Search : 
ZLNB2003 224NL SM3P2 W81386D X1288 LA7858 BFR505 C3216X5
Product Description
Full Text Search
 

To Download STR2015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STR2000 Series
Switching Type
Features
q q q q q Requires only 3 external components Small size and high efficiency Low switching noise Variable output voltage Use of SANKEN's semiconductor elements ensures high reliability
Chopper * Self Oscillation Type
Applications
q For power supplies in office equipment such as electronic typewriters, printers, and copiers q For power supplies in VCRs and personal CB radios (fixed station)
External View
s Absolute Maximum Ratings (Ta=25C)
Parameter DC Input Voltage DC Output Current Power Dissipation Operating Temperature Storage Temperature Thermal Resistance ( junction-to-case) Symbol VIN IO PD Top Tstg Rth(j-c) 45 2.0 (pulse 3.0) 75 (TC=25C) 15 (TC=100C) -20 to +100 -20 to +125 1.25 C C C/W Ratings STR2005 STR2012 STR2013 STR2015 STR2024 50 V A W Unit
s Electrical Characteristics (Ta=25C)
Ratings Parameter Symbol STR2005 min DC Input Voltage Range VIN Condition Output Voltage VO 5.0 5.1 11 STR2012 STR2013 STR2015 STR2024 typ max 50 V Unit
typ max min typ 40 18
max min 45 19
typ max min 45 21
typ max min 45 30
IO=1.0A 5.2 11.8 12.0 12.2 12.8 13.0 13.2 14.8 15.0 15.2 23.7 24.0 24.3 VIN=24V, IO=1.0A 85 85 VIN=27V, IO=1.0A 85 VIN=27V, IO=1.0A 60 60 VIN=35V, IO=1.0A 85 VIN=35V, IO=1.0A 60 mV % V
Condition VIN=20V, IO=1.0A Efficiency
VOLINE VOLOAD RREJ Condition
72
Condition VIN=20V, IO=1.0A Line Regulation 50
VIN=24V, IO=1.0A 60 VIN=20 to 28V, IO=1.0A 100 VIN=24V, IO=0.5 to 1.5A 45 f=100 to 120Hz 45 100
Condition VIN=15 to 25V, IO=1.0A Load Regulation 100
VIN=23 to 31V, IO=1.0A VIN=30 to 40V, IO=1.0A 100 100 mV
Condition VIN=20V, IO=0.5 to 1.5A Ripple Rejection 45
VIN=27V, IO=0.5 to 1.5A VIN=35V, IO=0.5 to 1.5A 45 45 dB
Switching Frequency
f
25
25
25
25
25
kHz
Condition VIN=20V, IO=1.0A
VIN=24V, IO=1.0A
VIN=27V, IO=1.0A VIN=35V, IO=1.0A
9
STR2000 Series
s Outline Drawing/Terminal Connections (unit:mm)
36.00.3 24.40.2
12.00.3
3 0
6.0max. 2.00.2
Lot Number Type
21.20.3
3.20.1
Plastic Mold Package Type Flammability: UL94V-0 Terminal Connections
4.7max.
20.0min.
3.0
+0.2 0.6 -0.1
2.0 1.0 -0.1 3.5
+0.2 q w e r t
5.45x4 5.45
q w e r t
Switching Output (backside of case) Output Voltage Adjustment Ground Output Voltage Detection Input
Weight: Approx. 14.5g
s Block Diagram
5 R1 Tr1 1
s Ta-PD Characteristics
24 Without Mica 150x150x2(3.3C/W) With Silicone Grease Heatsink: Aluminum Unit: mm
R2 R3 M1 Tr2 R4 R5 R6 2 C1 C2 R8 R7 4
Power Dissipation PD(W)
Ref. Voltage Circuit
D1
20
16 100x100x2(5.2C/W) 12 75x75x2(7.6C/W) 8 Without heatsink
4 3
0 -20
0
60 80 20 40 Ambient Temperature Ta(C)
100
s Standard External Circuit
VIN 5 DC Input + 1000F - GND GND 1000F 4 3 + 1 DC Output
L
s Variable Output Voltage Circuit
Vout
VIN 5 DC Input + - GND 1000 F VR2 4 3 2 1
L
VOUT
VR1 + 1000 F
DC Output
GND
Type STR2005 STR2012 STR2013 STR2015 STR2024
Inductance L 200H 300H 300H 350H 400H
VR1 : VOUT down VR2 : VOUT up
10
STR2000 Series Typical Characteristics (Ta=25C)
s STR2005
Rise Characteristics
10
Efficiency Characteristics
100 90
8
Output Voltage VO (V)
80
Efficiency (%) 6
VIN=11V 20V
70 60 50 40 30 30V 40V
IO=0A 1A, 2A
4
2
0
0
2
4
6
8
10
12
14
16
18
20
0
0
0.5
1.0
1.5
2.0
2.5
Input Voltage VIN (V)
Output Current IO (A)
s STR2012
Rise Characteristics
20
100 90 Output Voltage VO (V)
Efficiency Characteristics
15
Efficiency (%)
IO=0A, 1A 2A 10
80 70 60 50 40 VIN=18V 24V 30V 35V 45V 40V
5
0
0
5
10
15
20
25
30
35
40
45
0
0
0.5
1.0
1.5
2.0
2.5
Input Voltage VIN (V)
Output Current IO (A)
s STR2024
Rise Characteristics
30 25 IO=0A, 1A 2A Efficiency (%)
Efficiency Characteristics
100 90 80 70 60 50 VIN=30V 35V 40V 45V 50V
Output Voltage VO (V)
20 15 10 5 0
40
0 5 10 15 20 25 30 35 40 45
0
0
0.5
1.0
1.5
2.0
2.5
Input Voltage VIN (V)
Output Current IO (A)
11


▲Up To Search▲   

 
Price & Availability of STR2015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X